Part Number Hot Search : 
PMBD353 4501M 15N65 ONTROL SHF1109 200100 4N30SD MS985C4
Product Description
Full Text Search
 

To Download MBR3020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3020 THRU MBR30100
Features
* * * * Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
PIN 1: PIN 2: CASE:
TO-3
E A N C K
MCC Part Number MBR3020 MBR3030 MBR3035 MBR3040 MBR3045 MBR3060 MBR3080 MBR30100
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V
ANODE ANODE CATHODE
D U
V H 2 1
L
G
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR3020-3045 MBR3060 MBR3080-30100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 30 A 400A TL =105C 8.3ms, half sine IFM = 30.0A; TA = 25C
DIM A B C D E G H K L N Q U V
Q DIMENSIONS INCHES MM MIN MAX MIN MAX 1.550 REF 39.37 REF ----1.050 ----26.67 .250 .335 6.35 8.51 .038 .043 0.97 1.09 .055 .070 1.40 1.77 .430 BSC 10.92 BSC .215 BSC 5.46 BSC .440 .480 11.18 12.19 .665 BSC 16.89 BSC ----.830 ----21.08 .151 .165 3.84 4.19 1.187 BSC 30.15 BSC .131 1.88 3.33 4.77
VF
.63 V .75 V .84 V
IR 1.0 mA TA = 25C
CJ
200pF
Measured at 1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
Web Site: WWW.PS-PFS.COM
MBR3020 thru MBR30100
Figure 1 Typical Forward Characteristics 200 100 60 40 25 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.05 0.06 0.07 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.08 0.09 0.1 0 5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 10 20 30 Figure 2 Forward Derating Curve
15
Figure 3 Junction Capacitance
1000 600 400 200 pF 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 Junction Capacitance - pF versus Reverse Voltage - Volts 1000 TJ=25C
Web Site: WWW.PS-PFS.COM
MBR3020 thru MBR30100
Figure 4 Typical Reverse Characteristics 1000 600 400 350 200 100 60 40 20 mAmps 10 6 4 2 1 .6 .4 .2 .1 10 20 TA=25C 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TA=125C 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100 Amps 300 250 200 100 Figure 5 Peak Forward Surge Current 400
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of MBR3020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X